|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Bulletin PD-20865 rev. A 04/06 MBR16..PbF Series SCHOTTKY RECTIFIER 16 Amp IF(AV) = 16Amp VR = 35-45V Major Ratings and Characteristics Characteristics IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 16 Apk, TJ = 125C Description/ Features Units A V A V C The MBR16..PbF Schottky rectifier has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150C TJ operation High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix) Values 16 35-45 1800 0.57 - 65 to 150 Case Styles MBR16..PbF Base Cathode 2 1 3 Cathode Anode TO-220AC www.irf.com 1 MBR16..PbF Series Bulletin PD-20865 rev. A 04/06 Voltage Ratings Part number VR Max. DC Reverse Voltage (V) 35 45 VRWM Max. Working Peak Reverse Voltage (V) MBR1635PbF MBR1645PBF Absolute Maximum Ratings Parameters IF(AV) Max. Average Forward Current IFSM Non-Repetitive Peak Surge Current MBR16.. Units 16 1800 A 150 A Conditions @ TC = 134 C (Rated VR) Following any rated load 5s Sine or 3s Rect. pulse condition and with rated VRRM applied Surge applied at rated load condition halfwave single phase 60Hz TJ = 25 C, I AS = 3.6 Amps, L = 3.7 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical EAS IAR Non-Repetitive Avalanche Energy Repetitive Avalanche Current 24 3.6 mJ A Electrical Specifications Parameters VFM IRM CT LS Max. Forward Voltage Drop (1) MBR16.. Units 0.63 0.57 0.2 40 1400 8.0 10000 V V mA mA pF nH V/ s @ 16A @ 16A Conditions TJ = 25 C TJ = 125 C Rated DC voltage Max. Instantaneus Reverse Current (1) Max. Junction Capacitance Typical Series Inductance TJ = 25 C TJ = 125 C VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured from top of terminal to mounting plane dv/dt Max. Voltage Rate of Change (Rated VR) (1) Pulse Width < 300s, Duty Cycle <2% Thermal-Mechanical Specifications Parameters TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range MBR16.. Units -65 to 150 -65 to 175 1.50 0.50 2 (0.07) Min. Max. 6 (5) 12 (10) C C Conditions RthJC Max. Thermal Resistance Junction to Case RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Case Style Marking Device C/W DC operation C/W Mounting surface, smooth and greased g (oz.) Kg-cm (Ibf-in) JEDEC TO-220AC MBR1645 2 www.irf.com MBR16..PbF Series Bulletin PD-20865 rev. A 04/06 100 (mA) 100 Tj = 150C 10 1 0.1 0.01 0.001 125C 100C 75C 50C 25C Instantaneous Forward Current - I F (A) Reverse Current - I R 0.0001 0 5 10 15 20 25 30 35 40 45 Reverse Voltage - VR (V) Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage 10 10000 (pF) Tj = 25C Junction Capacitance - C T Tj = 150C Tj = 125C Tj = 25C 1000 1 0 0.2 0.4 0.6 0.8 1 1.2 Forward Voltage Drop - VFM (V) Fig. 1 - Maximum Forward Voltage Drop Characteristics 100 0 10 20 30 40 50 Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (C/W) 10 D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20 thJC 1 Thermal Impedance Z PDM 0.1 Single Pulse (Thermal Resistance) t1 t2 0.01 Notes: 1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC + Tc 0.001 0.00001 0.0001 0.001 0.01 0.1 1 t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance Z thJC Characteristics 10 www.irf.com 3 MBR16..PbF Series Bulletin PD-20865 rev. A 04/06 155 Allowable Case Temperature (C) Average Power Loss (Watts) 15 150 145 DC 10 RMS Limit DC 140 135 130 Square wave (D = 0.50) Rated Vr applied 125 see note (2) 120 0 5 10 15 Average Forward Current - I 5 D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20 0 20 (A) F(AV) 25 0 5 10 15 20 (A) F(AV) 25 Average Forward Current - I Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current Fig. 6 - Forward Power Loss Characteristics (A) 10000 At Any Rated Load Condition And With Rated Vrrm Applied Following Surge Non-Repetitive Surge Current - I FSM 1000 100 10 100 1000 10000 Square Wave Pulse Duration - t p (microsec) Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg) L HIGH-S PEED S CH WIT FREE-WHEEL DIODE 40HF L40S 02 + DUT IR P460 F R = 25 ohm g Vd = 25 Volt CURRENT MONIT OR Fig. 8 - Unclamped Inductive Test Circuit (2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = V R1 x IR (1 - D); IR @ VR1 = rated VR applied 4 www.irf.com MBR16..PbF Series Bulletin PD-20865 rev. A 04/06 Outline Table Conform to JEDEC outline TO-220AC Part Marking Information IRXC Assembly Line - SubCon Assembly Line EXAMPLE: THIS IS A MBR1645 LOT CODE 1789 ASSEMBLED ON WW 19, 2001 IN THE ASSEMBLY LINE "C" INTERNATIONAL RECTIFIER LOGO DATE CODE ASSEMBLY LOT CODE P = LEAD-FREE YEAR 1 = 2001 WEEK 19 LINE C PART NUMBER IRMX Assembly Line EXAMPLE: THIS IS A MBR1645 LOT CODE 1789 ASSEMBLED ON WW 19, 2001 IN THE ASSEMBLY LINE "C" INTERNATIONAL RECTIFIER LOGO PART NUMBER DATE CODE ASSEMBLY LOT CODE YEAR 1 = 2001 WEEK 19 P = LEAD-FREE www.irf.com 5 MBR16..PbF Series Bulletin PD-20865 rev. A 04/06 Ordering Information Table Device Code MBR 1 16 2 45 3 PbF 4 1 2 3 4 - Schottky MBR Series Currrent Rating (16 = 16A) Voltage Ratings none = Standard Production PbF = Lead-Free 35 = 35V 45 = 45V Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 04/06 6 www.irf.com |
Price & Availability of MBR1645PBF |